PART |
Description |
Maker |
MAX1680309 MAX16803ATE/V |
High-Voltage, 350mA, High-Brightness LED Driver with PWM Dimming and 5V Regulator
|
Maxim Integrated Products
|
ESJC30-05 |
5kV 350mA HIGH VOLTAGE DIODE
|
getedz electronics
|
CL01-12 CL01-12-15 |
Plastic High Voltage Rectifier Reverse Voltage 12KV Forward Current 350mA
|
Rugao Dachang Electronics Co., Ltd Rugao Dachang Electroni...
|
SCPHN20 SCPHN26 SCPHN10 SCPHN16 SCPHN30 SCPHN6 |
High Voltage,High Current,High Density Standard Recovery Rectifier(????靛?16000V锛?俯搴?5???骞冲??存??垫?5.5A,楂??锛?ぇ?垫?,楂??搴??????㈠??存??? 5.5 A, 16000 V, SILICON, RECTIFIER DIODE High Voltage,High Current,High Density Standard Recovery Rectifier(反向电压6000V,温5℃时平均整流电流5.5A,高压,大电流,高密度,标准恢复整流 STANDARD RECOVERY HIGH VOLTAGE, HIGH CURRENT RECTIFIER
|
Semtech Corporation
|
TX2-12V |
TX-relay. 2 Amp. High capacity relay with high surge voltage & high breakdown voltage. Standard PC board terminal. Single side stable. Nominal voltage 12 V DC.
|
Panasonic / NAiS
|
TX2-5V TX2-12V TX2-3V TX2-L-1.5V TX2-48V TX2-L2-H- |
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE 2阿继电器容量高浪涌电 RELAY, SOLID STATE 40A 240VAC FILM/M CAPACITANCE=0.1 VOLT=63 2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
|
Nais(Matsushita Electric Wo... Panasonic, Corp. YEONHO Electronics Co., Ltd. NAIS[Nais(Matsushita Electric Works)] http://
|
2SC4710LS 0929 |
NPN Triple Diffused Planar Silicon Transistor 2100V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications From old datasheet system 2100V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4631LS |
NPN Triple Diffused Planar Silicon Transistor 900V / 300mA High-Voltage Amplifier, High-Voltage Switching Applications 900V/300mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4637LS |
NPN Triple Diffused Planar Silicon Transistor 1800V / 15mA High-Voltage Amplifier, High-Voltage Switching Applications 1800V/15mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
2SC4636LS |
NPN Triple Diffused Planar Silicon Transistor 1800V / 10mA High-Voltage Amplifier, High-Voltage Switching Applications 1800V/10mA High-Voltage Amplifier,High-Voltage Switching Applications
|
Sanyo Semicon Device
|
BF622 Q62702-F1052 |
From old datasheet system NPN Silicon High-Voltage Transistor (Suitable for video output stages in TV sets High breakdown voltage Low collector-emitter saturation voltage)
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|